PART |
Description |
Maker |
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MSK5275-1.8H MSK5275-1.9 MSK5275-1.7E MSK5275-1.9H |
JO75LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 1300 mA, Low Dropout Voltage Regulator with On/Off Control 175 175 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 Commercial Wire; FLT01VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
LT1117CST-2.85 LT1117CST-3.3 LT1117-3.3 LT1117-5 L |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 800mA的低压差可调和固定工作在2.85V.3VV的正稳压 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V/ 3.3V/ 5V 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V 3.3V 5V From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LT3009IDC-1.2-PBF LT3009IDC-1.2-TRPBF LT3009IDC-1. |
3楼矛A IQ, 20mA Low Dropout Linear Regulators 3渭A IQ, 20mA Low Dropout Linear Regulators 3μA IQ, 20mA Low Dropout Linear Regulators
|
Linear Technology
|
LT1118CST-2.5 LT1118CST-2.85 LT1118-2.5 LT1118-5 L |
LED 570NM GREEN DIFF 1206 SMD Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low I Q , Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low IQ/ Low Dropout/ 800mA/ Source and Sink Regulators Adjustable and Fixed 2.5V/ 2.85V/ 5V Output From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
FAN1585A FAN1585AM15X FAN1585AM18X FAN1585AMC15X F |
Low Dropout 3 Terminal Regulators with 5A Output Current Capability 5A Adjustable/Fixed Low Dropout Linear Regulator
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
LX8630-00CDD LX8630-00CP LX8630-25CDD LX8630-25CP |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3A BiCMOS Very Low Dropout Regulators
|
MICROSEMI[Microsemi Corporation]
|
MAX886EUK25 MAX886EUK28 MAX886EUK29 MAX886EUK30 MA |
From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23 Low-Noise / Low-Dropout / 150mA Linear Regulators in SOT23 CONNECTOR ACCESSORY 连接器附
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
OM185-5ST OM186-5 OM183-5 OM184-5 OM185-12 OM185-1 |
15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-258, 3 PIN 15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257, 3 PIN Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator 7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS 7.5A 5A 3A 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS Insulation Displacement (IDC) Connector; No. of Contacts:30; Contact Termination:IDC; Gender:Male RoHS Compliant: Yes
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers http:// Electronic Theatre Controls, Inc.
|
AP131-20YL-13 AP131-20YL-7 AP131-18YL-13 AP131-18Y |
1.5A Fast Ultra Low Dropout Linear Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5 300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
|
Diodes, Inc. http:// Diodes Inc. DIODES[Diodes Incorporated]
|
LT1117IST-2.85 LT1117IST-5 LT1117IST-3.3 LT1117-5 |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 85°C 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 800mA Low Dropout Positive Regulators Adjustable and Fixed 5V(800mA,低压差固定5V)正输出稳压 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
|
Linear Technology, Corp. Linear Technology Corporation
|
LP2950 LP2951ACS-5-0_TR LP2951CS-L-5-0 LP2950CN-L- |
5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, LOW DROPOUT VOLTAGE REGULATORS
|
http:// Exar Corporation
|